|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PD -93972 SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80SCLQ045 80 Amp, 45V Major Ratings and Characteristics Characteristics IF(AV) VRRM (Per Leg) IFSM @ tp = 8.3ms half-sine (Per Leg) VF @ 40Apk, TJ =125C (Per Leg) 80SCLQ045 Units 80 45 A V Description/Features The 80SCLQ045 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hirel environments. It is packaged in the hermetic surface mount SMD-1 ceramic package. The device's forward voltage drop and reverse leakage current are optimized for the lowest power loss and the highest circuit efficiency for typical high frequency switching power supplies and resonent power converters. Full MIL-PRF-19500 quality conformance testing is available on source control drawings to TX, TXV and S quality levels. * * * * * Hermetically Sealed Center Tap Low Forward Voltage Drop High Frequency Operation Guard Ring for Enhanced Ruggedness and Long term Reliability * Surface Mount * Lightweight 250 0.62 A V TJ, Tstg Operating and storage -55 to 150 C CASE STYLE 2 1 3 ANODE COMMONANODE CATHODE IR Case Style SMD-1 www.irf.com 1 10/06/00 80SCLQ045 Voltage Ratings Part number VR Max. DC Reverse Voltage (V) (Per Leg) VRWM Max. Working Peak Reverse Voltage (V) (Per Leg) 80SCLQ045 45 Absolute Maximum Ratings Parameters IF(AV) Max. Average Forward Current See Fig. 5 IFSM Max. Peak One Cycle Non - Repetitive Surge Current (Per Leg) 250 A @ tp = 8.3 ms half-sine Limits 80 Units A Conditions 50% duty cycle @ TC = 84C, square waveform Electrical Specifications Parameters VFM Max. Forward Voltage Drop (Per Leg) See Fig. 1 Limits 0.62 0.67 0.70 0.85 0.57 0.63 0.66 0.88 0.53 0.62 0.64 0.87 Units V V V V V V V V V V V V mA mA mA pF nH @ 30A @ 40A @ 45A @ 80A @ 30A @ 40A @ 45A @ 80A @ 30A @ 40A @ 45A @ 80A TJ = 25C TJ = 100C TJ = 125C Conditions TJ = -55C TJ = 25C T J = 125C I RM Max. Reverse Leakage Current (Per Leg) See Fig. 2 0.6 80 195 2000 5.9 VR = rated VR CT LS Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg) VR = 5VDC ( 1MHz, 25C ) Measured from center of cathode pad to center of anode pad Thermal-Mechanical Specifications Parameters TJ Tstg Max.Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) RthJC Max. Thermal Resistance, Junction to Case (Per Package) wt Weight (Typical) Die Size (Typical) Case Style Pulse Width < 300s, Duty Cycle < 2% 2.6 150X180 SMD-1 g mils 0.63 C/W DC operation Limits Units -55 to 150 -55 to 150 1.25 C C C/W DC operation Conditions RthJC Max. Thermal Resistance, Junction See Fig. 4 2 www.irf.com 80SCLQ045 1000 Reverse Current - I R ( mA ) 100 125C 100C 100 10 75C 1 0.1 25C 0.01 Instantaneous Forward Current - I F (A) 0 10 20 30 40 50 Reverse Voltage - V R (V) Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage (Per Leg) 10 Tj = 125C 10000 Tj = 25C Junction Capacitance - CT (pF) T J = 25C 1000 Tj = -55C 1 0.0 0.2 0.4 0.6 0.8 1.0 Forward Voltage Drop - V F (V) 100 0 10 20 30 40 50 Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg) Reverse Voltage -VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg) www.irf.com 3 80SCLQ045 10 Thermal Response (Z thJC ) 1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.001 0.01 0.1 1 0.01 0.00001 0.0001 t1 , Rectangular Pulse Duration (sec) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg) 180 Allowable Case Temprature - (C) 160 140 120 100 80 60 40 20 0 0 20 40 60 80SCLQ045 R thJC = 1.25C/W DC 80 100 120 Average Forward Current - I F(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg) IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 10/00 4 www.irf.com |
Price & Availability of 80SCLQ045 |